Part Number Hot Search : 
SA100 HDF0515S TRONIC 00204 HFX6015 PLP1000A CA0861 RS207
Product Description
Full Text Search
 

To Download 0307001189 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0307001189 Active
hdac_64_dualrow_high_density_automotive_connectors 2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64TM High Density Automotive Connectors, Dual Row, Female Harness Assembly, 18 Circuits, Polarization Option 3, Natural
Documents: Drawing (PDF) Application Specification (PDF) Product Specification PS-30700-0001 (PDF)
Product Specification PS-30968-0001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Comments Overview Product Name Crimp Housings 30700 Polarization Option 3 hdac_64_dualrow_high_density_automotive_connectors H-DAC 64TM
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 18 Natural, Red Female No Yes Modified Polystyrene Alloy, Polyester 2 Bag No 0.100 In 2.54 mm Yes No -40C to +105C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 30700Series Mates With 30700 Header, 30968 Crimp Housing Use With 34230 Terminal
Electrical
Current - Maximum per Contact 7A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-30907-417 PS-30700-0001, PS-30968-0001 SD-30700-120
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0307001189

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X